|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Barrier Blocks Series 142 .563 Density, 8-32 x 5/16" BH Screw, Open Bottom, Double Row Electrical Characteristics Voltage Rating: 250 VAC RMS maximum Current Rating: 30 Amps maximum Maximum Watts Per Terminal: 7500 Mechanical Characteristics Maximum Wire Size: #10 AWG Recommended Tightening Torque: 16 lb.-in. Dimensions Ordering Information No. of Terminals 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 Standard Screw Catalog No. 1-142 2-142 3-142 4-142 5-142 6-142 7-142 8-142 9-142 10-142 11-142 12-142 13-142 14-142 15-142 16-142 17-142 "M" Dim. 1.125 1.687 2.250 2.812 3.375 3.937 4.500 5.062 5.625 6.187 6.750 7.312 7.875 8.437 9.000 9.562 10.125 "L" Dim. 1.531 2.094 2.656 3.219 3.781 4.344 4.906 5.468 6.031 6.594 7.156 7.719 8.281 8.844 9.406 9.969 10.531 Marketed exclusively through distribution. Call Toll Free: 1 (800) 323-9612 2-12 Barrier Blocks Series 142 .563 Density, 8-32 x 5/16" BH Screw, Open Bottom, Double Row Solder Terminal Options Dimensions "Y" Terminals "3/4W" Terminals "W" Terminals Ordering Information No. of Terminals 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 Catalog No. 1-142-Y 2-142-Y 3-142-Y 4-142-Y 5-142-Y 6-142-Y 7-142-Y 8-142-Y 9-142-Y 10-142-Y 11-142-Y 12-142-Y 13-142-Y 14-142-Y 15-142-Y 16-142-Y 17-142-Y Catalog No. 1-142-3/4W 2-142-3/4W 3-142-3/4W 4-142-3/4W 5-142-3/4W 6-142-3/4W 7-142-3/4W 8-142-3/4W 9-142-3/4W 10-142-3/4W 11-142-3/4W 12-142-3/4W 13-142-3/4W 14-142-3/4W 15-142-3/4W 16-142-3/4W 17-142-3/4W Catalog No. 1-142-W 2-142-W 3-142-W 4-142-W 5-142-W 6-142-W 7-142-W 8-142-W 9-142-W 10-142-W 11-142-W 12-142-W 13-142-W 14-142-W 15-142-W 16-142-W 17-142-W Solder Terminals can be ordered separately. Terminal Type "Y" "3/4W" "W" Catalog No. Y-142 3/4W-142 W-142 Marketed exclusively through distribution. 2-13 Call Toll Free: 1 (800) 323-9612 DURA-CON(R) Barrier Blocks High Reliability Series 142 All-Plastic Marker Strips Dimensions Standard .563 Density, 8-32 x 5/16" BH Screw, Open Bottom, Double Row "Y" Terminal 2 Ordering Information No. of Terminals 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 Catalog No. MS-1-142 MS-2-142 MS-3-142 MS-4-142 MS-5-142 MS-6-142 MS-7-142 MS-8-142 MS-9-142 MS-10-142 MS-11-142 MS-12-142 MS-13-142 MS-14-142 MS-15-142 MS-16-142 MS-17-142 Catalog No. MS-1-142-Y MS-2-142-Y MS-3-142-Y MS-4-142-Y MS-5-142-Y MS-6-142-Y MS-7-142-Y MS-8-142-Y MS-9-142-Y MS-10-142-Y MS-11-142-Y MS-12-142-Y MS-13-142-Y MS-14-142-Y MS-15-142-Y MS-16-142-Y MS-17-142-Y Use Standard Marker Strips for "3/4W" and "W" Solder Terminals. Accessories * * Jumpers Fanning Strips Marketed exclusively through distribution. Call Toll Free: 1 (800) 323-9612 2-14 |
Price & Availability of MS-7-142 |